| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7669V Fiches technique(PDF) 45 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7669V Fiches technique(HTML) 45 Page - Sitronix Technology Co., Ltd. |
|
45 / 208 page ![]() ST7669V Ver 1.3 45/208 6/4/2008 7.7.2 Power Levels 6 level modes are defined they are in order of Maximum Power consumption to Minimum Power Consumption: 1. Normal Mode On (full display), Idle Mode Off, Sleep Out: In this mode, the display is able to show maximum 262K colors. 2. Partial Mode On, Idle Mode Off, Sleep Out: In this mode part of the display is used with maximum 262K colors. 3. Normal Mode On (full display), Idle Mode On, Sleep Out: In this mode, the full display area is used but with 8 colors. 4. Partial Mode On, Idle Mode On, Sleep Out: In this mode, part of the display is used but with 8 colors. 5. Sleep In Mode: In this mode, the DC:DC converter, Internal oscillator and panel driver circuit are stopped. Only the MCU interface and memory works with Digital VDDI power supply. Contents of the memory are safe. 6. Power Off Mode: In this mode, both Analog VDDA and Digital VDDI are removed. Note: Transition between modes 1-5 is controllable by MCU commands. Mode 6 is entered only when both Power supplies are removed. |