| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7565P Fiches technique(PDF) 39 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7565P Fiches technique(HTML) 39 Page - Sitronix Technology Co., Ltd. |
|
39 / 71 page ![]() ST7565P Ver 2.1b 39/71 2009/09/14 Reference Circuit Examples 1. When used all of the step-up circuit, voltage regulating circuit and V/F circuit (1) When the voltage regulator internal resistor is used. (Example where VDD2 = VDD, with 4x step-up) (2) When the voltage regulator internal resistor is not used. (Example where VDD2 = VDD, with 4x step-up) VDD2 or VSS VOUT CAP3P CAP1N CAP1P CAP2N CAP2P V5 VR IRS M/S C1 C1 C1 C1 C2 C2 C2 C2 VDD VDD or VSS VDD2 or VSS VOUT CAP3P CAP1N CAP1P CAP2N CAP2P V0 VR VSS V1 V2 V3 V4 V0 IRS M/S C1 C1 C1 C1 VDD or VSS VDD R3 R2 R1 CAP4P CAP5P CAP4P CAP5P VDD2 or VSS V1 V2 V3 V4 V0 C2 C2 C2 C2 C2 VDD2 or VSS C2 VSS 2. When the voltage regulator circuit and V/F circuit alone are used (1) When the V0 voltage regulator internal resistor is NOT used. (2) When the V0 voltage regulator internal resistor is used. VDD2 VOUT CAP3P CAP1N CAP1P CAP2N CAP2P V0 VR IRS M/S VDD VDD R3 R2 R1 VDD2 VOUT CAP3P CAP1N CAP1P CAP2N CAP2P V0 VR V0 V1 V2 V3 V4 IRS M/S VDD VDD External power supply External power supply CAP4P CAP5P CAP4P CAP5P VSS V0 V1 V2 V3 V4 VSS C2 C2 C2 C2 VDD or VSS C2 C2 C2 C2 C2 VDD or VSS C2 |