Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSO8000 Fiches technique(PDF) 3 Page - Agilent(Hewlett-Packard)

No de pièce MSO8000
Description  FPGA Dynamic Probe for Xilinx
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MSO8000 Fiches technique(HTML) 3 Page - Agilent(Hewlett-Packard)

  MSO8000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MSO8000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MSO8000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MSO8000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) MSO8000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) MSO8000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) MSO8000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) MSO8000 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Design step 1: Configure the logic
analyzer interface file and core
parameters
You need to create a Altera LAI
file with MSO in Quartus II. This
file defines the interface that
builds a connection between
the internal FPGA signals and
the MSO digital channels. You
can then configure the core
parameters, which include
number of pins, number of signal
banks, the type of measurement
(state or timing), clock and the
power-up state.
A quick tour of the application
Design step 2: Map the Altera LAI
core outputs to available
I/O pins
Use Pin Planner in Quartus II to
assign physical pin locations for
the LAI.
3



Html Pages

1 2 3 4 5 6 7 8