| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7093 Fiches technique(PDF) 30 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7093 Fiches technique(HTML) 30 Page - Sitronix Technology Co., Ltd. |
|
30 / 43 page ![]() ST7093 Ver 2.1 30/43 2003/09/23 Electronic contrast control (32 steps) Electronic contrast control data bits is 10H = (C4, C3, C2, C1, C0 ), Voltage regulation is adjusted as 32-contrast step According to the value of Electronic contrast control data bits. LCD drive voltage V0 has one of 32 voltage values if 5-bit data is set to the electronic contrast control register (ICONRAM address 10H). When using the electronic contrast control function, you need to turn the voltage regulators on using power control instruction. When REF is “Low” V0 = ( 1 + Rb / Ra ) x Ven ….. (3) Ven = Vref - nα ( n = 0, 1, 2, ….. 30, 31 ) α = Vref / 150 When REF is “High” V0 = ( 1 + Rb / Ra ) x Ven ….. (4) Ven = Vext - nα ( n = 0, 1, 2, ….. 30, 31 ) α = Vext / 150 No. C7 C6 C5 C4 C3 C2 C1 C0 n V0 Contrast 1 - - - 0 0 0 0 0 0 (default) Maximum High 2 - - - 0 0 0 0 1 1 . . 3 - - - 0 0 0 1 0 2 . . 4 - - - 0 0 0 1 1 3 . . . . . . . . . . . . . . 31 - - - 1 1 1 1 0 30 . . 32 - - - 1 1 1 1 1 31 Minimum Low Electronic contrast control register (“-“ don’t care) + - REF Vo Vout VR VEXT Vss Vref Inside Chip Ra GND Rb + Ven - - + Electronic contrast control circuit |