| Moteur de recherche de fiches techniques de composants électroniques |
|
ST3014 Fiches technique(PDF) 2 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST3014 Fiches technique(HTML) 2 Page - Sitronix Technology Co., Ltd. |
|
2 / 14 page ![]() ST3014 Ver 0.2 2/14 2007-06-14 devices. One internal 16-bit DAC can provide significant volume equipping with internal amplifier. For particular application or recorder, two general audio interfaces are supported to interface with external DAC/ADC. Audio interface can be configured to I2S or Left/Right Justified compatible mode. There are serial and parallel interfaces for various connections with different MCUs. |