Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST2201U Fiches technique(PDF) 6 Page - Sitronix Technology Co., Ltd.

No de pièce ST2201U
Description  Integrated Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SITRONIX [Sitronix Technology Co., Ltd.]
Site Internet  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2201U Fiches technique(HTML) 6 Page - Sitronix Technology Co., Ltd.

Back Button ST2201U Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 10Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ST2201U
Ver 0.4
Page 6/12
2009/08/17
60
ICE_RDY (xmd)
61
ICE2
Ice_pin(ice)
62
ICE1
Ice_pin(rz)
63
PC0
Port C[0]
SPI,ss pin
EEPROM, spin
64
PC1
Port C[1]
SPI, sck pin
EEPROM sck pin
65
PC2
Port C[2]
SPI, MISO pin
EEPROM di pin
66
PC3
Port C[3]
SPI, MOSI pin
EEPROM do pin
67
PC4
Port C[4]
SPI,readyb pin
68
PC5
Port C[5]
69
PC6
Port C[6]
70
PC7
Port C[7]
71
VSS
GND pin
72
VDD
VDD pin
73
PA0
Port A[0]
74
PA1
Port A[1]
75
PA2
Port A[2]
76
PA3
Port A[3]
77
PA4
Port A[4]
78
PA5
Port A[5]
79
PA6
Port A[6]
80
PA7
Port A[7]
81
MMD/CS0
Internal/external memory selection;
connected to low to select internal ROM,
connected to the /CS pin of a memory
device to select an external memory.
82
ICE5
Ice_pin(ice_mcsb)
83
ICE4
Ice_pin(syncbpad)
84
ICE3
Ice_pin (cpu_a15)
85
WRB
/WR pin
86
RDB
/RD pin
87
IOVSS
GND pin of I/O function
88
D7
Data[7]
89
D6
Data[6]
90
D5
Data[5]
91
D4
Data[4]
92
D3
Data[3]
93
D2
Data[2]
94
D1
Data[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12