Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B65947 Fiches technique(PDF) 2 Page - EPCOS

No de pièce B65947
Description  Ferrites and accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B65947 Fiches technique(HTML) 2 Page - EPCOS

  B65947_06 Datasheet HTML 1Page - EPCOS B65947_06 Datasheet HTML 2Page - EPCOS B65947_06 Datasheet HTML 3Page - EPCOS B65947_06 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
■ To IEC 62323
■ Recommended for new designs
■ For inductive proximity switches
■ Material N22 for the frequency
range from about 40 to 400 kHz
Material
Approx. weight
g
Ordering code
N22
28
B65947A0000X022
B65947
Core
PS 35
× 10.8



Html Pages

1 2 3 4