Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTL2V3VFD Fiches technique(PDF) 6 Page - Lite-On Technology Corporation

No de pièce LTL2V3VFD
Description  Property of Lite-On Only
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITEON [Lite-On Technology Corporation]
Site Internet  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2V3VFD Fiches technique(HTML) 6 Page - Lite-On Technology Corporation

Back Button LTL2V3VFD Datasheet HTML 2Page - Lite-On Technology Corporation LTL2V3VFD Datasheet HTML 3Page - Lite-On Technology Corporation LTL2V3VFD Datasheet HTML 4Page - Lite-On Technology Corporation LTL2V3VFD Datasheet HTML 5Page - Lite-On Technology Corporation LTL2V3VFD Datasheet HTML 6Page - Lite-On Technology Corporation LTL2V3VFD Datasheet HTML 7Page - Lite-On Technology Corporation LTL2V3VFD Datasheet HTML 8Page - Lite-On Technology Corporation LTL2V3VFD Datasheet HTML 9Page - Lite-On Technology Corporation LTL2V3VFD Datasheet HTML 10Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Bin Code List For Reference
Luminous Intensity
Unit : mcd @20mA
Bin Code
Min.
Max.
P
880
1300
Q
1300
1500
R
1500
1900
S
1900
2500
T
2500
3200
U
3200
4200
Note: Tolerance of each bin limit is ±15%
Dominant Wavelength
Unit : nm @20mA
Bin Code
Min.
Max.
H22
598.0
600.0
H23
600.0
603.0
H24
603.0
606.5
H25
606.5
610.0
H26
610.0
613.5
Note: Tolerance of each bin limit is ±1nm
Part No. : LTL2V3VFD
Page :
6
of
10
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com