| Moteur de recherche de fiches techniques de composants électroniques |
|
LTL2V3SSDS Fiches technique(PDF) 1 Page - Lite-On Technology Corporation |
|
|
|||||||||||||||||||||||||||||
LTL2V3SSDS Fiches technique(HTML) 1 Page - Lite-On Technology Corporation |
|
1 / 10 page ![]() LITE-ON TECHNOLOGY CORPORATION Property of Lite-On Only Features * High luminous intensity output. * Low power consumption. * High efficiency. * Versatile mounting on P.C. board or panel. * I.C. Compatible/low current requirements. * Popular T-13/4 diameter. Package Dimensions Part No. Lens Source Color LTL2V3SSDS Yellow Amber Diffused AlInGaP Yellow Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is ±0.25mm(.010") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice. Part No. : LTL2V3SSDS Page : 1 of 10 BNS-OD-C131/A4 |
Numéro de pièce similaire - LTL2V3SSDS |
|
Description similaire - LTL2V3SSDS |