| Moteur de recherche de fiches techniques de composants électroniques |
|
B59082 Fiches technique(PDF) 8 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B59082 Fiches technique(HTML) 8 Page - EPCOS |
|
8 / 9 page ![]() tE Settling time (for level sensors) TR Rated temperature Tsense Sensing temperature Top Operating temperature TPTC PTC temperature tR Response time Tref Reference temperature TRmin Temperature at minimum resistance tS Switching time Tsurf Surface temperature UCT Upper category temperature V or Vel Voltage (with subscript only for distinction from volume) VRMS Root-mean-square value of voltage VBD Breakdown voltage Vins Insulation test voltage Vlink,max Maximum link voltage Vmax Maximum operating voltage Vmax,dyn Maximum dynamic (short-time) operating voltage Vmeas Measuring voltage Vmeas,max Maximum measuring voltage VR Rated voltage VPTC Voltage drop across a PTC thermistor α Temperature coefficient ∆ Tolerance, change δ th Dissipation factor τ th Thermal cooling time constant λ Failure rate Lead spacing (in mm) Abbreviations / Notes Surface-mount devices * To be replaced by a number in ordering codes, type designations etc. + To be replaced by a letter All dimensions are given in mm. The commas used in numerical values denote decimal points. Switching applications for energy-saving lamps C1119, S1082 Page 8 of 9 Please read Cautions and warnings and Important notes at the end of this document. |