| Moteur de recherche de fiches techniques de composants électroniques |
|
IEGC0118 Fiches technique(PDF) 1 Page - IDEA.lnc. |
|
|
|||||||||||||||||||||||||||||
IEGC0118 Fiches technique(HTML) 1 Page - IDEA.lnc. |
|
1 / 2 page ![]() IEGC0118 Page 1 of 2 * Specifications subject to change without notice. Dimensions are in mm±0.1 unless stated otherwise. IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0507 This lamp is an infrared emitting diode in miniature top view flat SMD package. It is molded in a water clear plastic. PART NO. Chip Lens Color Material Emitted Color IEGC0118 GaAlAs IR Water Clear |
Numéro de pièce similaire - IEGC0118 |
|
Description similaire - IEGC0118 |