| Moteur de recherche de fiches techniques de composants électroniques |
|
LSR2640/T-PF Fiches technique(PDF) 2 Page - LIGITEK electronics co., ltd. |
|
|
|||||||||||||||||||||||||||||
LSR2640/T-PF Fiches technique(HTML) 2 Page - LIGITEK electronics co., ltd. |
|
2 / 6 page ![]() Directivity Radiation Note : 1.All dimension are in millimeter tolerance is ±0.25mm unless otherwise noted. 2.Specifications are subject to change without notice. Package Dimensions LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LSR2640/T-PF Page 1/5 30 ° 0 ° 60 ° 50% 75% 25%0 25% 100% -30 ° -60 ° 50% 75% 100% 25.0MIN 3.1 2.9 □0.5 TYP 2.54TYP 1.0MIN 1.5MAX 4.3 3.3 + - |