Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAF08021 Fiches technique(PDF) 2 Page - Powerbox

No de pièce MAF08021
Description  6-24 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWERBOX [Powerbox]
Site Internet  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

MAF08021 Fiches technique(HTML) 2 Page - Powerbox

  MAF08021 Datasheet HTML 1Page - Powerbox MAF08021 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Your dependable power partner – www.powerbox.com.au
163
MAF 08 Series
6-24
W A TTS
SINGLE
&
DUAL
OUTPUT
DC/DC
INDUSTRIAL
Standard Pin Connection
PIN
1
NP
2
-V Input
3
-V Input
9
-V Output
10
NC
11
+V Output
12
NP
24
NP
23
+V Input
22
+V Input
16
-V Output
15
NC
14
+V Output
13
NP
NC = No connection with pin.
NP = No pin.
POWERBOX
ARTICLE
NUMBER
INPUT
VOLTAGE
VDC
OUTPUT
VOLTAGE
VDC
OUTPUT
CURRENT
MA
INPUT CURRENT
NO LOAD
MA
INPUT CURRENT
FULL LOAD
MA
EFFICIENCY
%
OUTPUT
POWER
W
MAF 08 003
4.7-6
3.3
2000
13
1535
86
6.6
MAF 08 006
9-32
3.3
2000
15
647
85
6.6
MAF 08 009
9-32
5
2000
15
947
88
10
MAF 08 012
9-32
12
833
15
954
87
10
MAF 08 015
9-32
15
667
15
957
87
10
MAF 08 018
16-32
12
1600
15
860
93
19.2
MAF 08 021
19-32
15
1600
15
1053
94
24
Selection Table



Html Pages

1 2