Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAC14 Fiches technique(PDF) 2 Page - Powerbox

No de pièce MAC14
Description  5-6 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWERBOX [Powerbox]
Site Internet  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

MAC14 Fiches technique(HTML) 2 Page - Powerbox

  MAC14 Datasheet HTML 1Page - Powerbox MAC14 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Your dependable power partner – www.powerbox.com.au
165
MAC 14 Series
5-6
W A TTS
SINGLE
&
DUAL
OUTPUT
DC/DC
INDUSTRIAL
POWERBOX
ARTICLE
NUMBER
INPUT
VOLTAGE
VDC
OUTPUT
VOLTAGE
VDC
OUTPUT
CURRENT
mA
INPUT CURRENT
NO LOAD
mA
INPUT CURRENT
FULL LOAD
mA
MAC 14-003
9-18
5
1000
7.5
545
MAC 14-006
9-18
12
470
7.5
585
MAC 14-009
9-18
15
400
7.5
625
MAC 14-012
9-18
±12
230
12
575
MAC 14-015
9-18
±15
190
12
590
MAC 14-018
18-36
5
1000
5
265
MAC 14-021
18-36
12
470
5
285
MAC 14-024
18-36
15
400
5
305
MAC 14-027
18-36
±12
230
7.5
285
MAC 14-030
18-36
±15
190
7.5
295
MAC 14-033
36-72
5
1000
2
133
MAC 14-036
36-72
12
470
2
145
MAC 14-039
36-72
15
400
2
154
MAC 14-042
36-72
±12
230
3
142
MAC 14-045
36-72
±15
190
3
147
PIN
SINGLE
DUAL
1
+V Input
+V Input
2
-V Input
-V Input
3
+V Output
+V Output
4
NP
Common
5
-V Output
-V Output
NP = No pin.
Standard Pin Connection
Selection Table
Technical Illustration



Html Pages

1 2