| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5634MF0MMGA8 Fiches technique(PDF) 71 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5634MF0MMGA8 Fiches technique(HTML) 71 Page - Freescale Semiconductor, Inc |
|
71 / 118 page ![]() Electrical characteristics MPC5634M Microcontroller Data Sheet, Rev. 4 Preliminary—Subject to Change Without Notice Freescale Semiconductor 71 VSS – VSSA SR — VSS differential voltage — –100 — 100 mV VRL SR — Analog reference low voltage —VSSA —VSSA+0.1 V VRL – VSSA SR — VRL differential voltage — –100 — 100 mV VRH SR — Analog reference high voltage —VDDA–0.1 — VDDA V VRH – VRL SR — VREF differential voltage — 4.75 — 5.25 V VDDF SR — Flash operating voltage 6 — 1.14 — 1.32 V VFLASH 7 SR — Flash read voltage — 3.0 — 3.6 V VSTBY SR — SRAM standby voltage —0.9 — 1.2 V —2.0 — 5.5 VDDREG SR — Voltage regulator supply voltage8 — 4.0 — 5.25 V VDDPLL SR — Clock synthesizer operating voltage — 1.14 — 1.32 V VSSPLL – VSS SR — VSSPLL to VSS differential voltage — –100 — 100 mV VIL_S SR — Slow/medium pad I/O input low voltage Hysteresis enabled VSS–0.3 — 0.35*VDDEH V — hysteresis disabled VSS–0.3 — 0.40*VDDEH VIL_F SR — Fast pad I/O input low voltage Hysteresis enabled VSS–0.3 — 0.35*VDDE V — hysteresis disabled VSS–0.3 — 0.40*VDDE VIL_LS SR — Multi-voltage pad I/O input low voltage in low-swing mode9,10,11,12 Hysteresis enabled VSS–0.3 — 0.8 V — Hysteresis disabled VSS–0.3 — 1.1 VIL_HS SR — Multi-voltage pad I/O input low voltage in high-swing mode Hysteresis enabled VSS–0.3 — 0.35 VDDEH V — Hysteresis disabled VSS–0.3 — 0.4 VDDEH Table 19. DC electrical specifications1 (continued) Symbol C Parameter Conditions Value2 Unit min typ max |