| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC8544E Fiches technique(PDF) 89 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8544E Fiches technique(HTML) 89 Page - Freescale Semiconductor, Inc |
|
89 / 120 page ![]() MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3 Freescale Semiconductor 89 Package Description UART_SIN[0:1] AG7, AH6 I OVDD — UART_SOUT[0:1] AH7, AF7 O OVDD — I2C interface IIC1_SCL AG21 I/O OVDD 20 IIC1_SDA AH21 I/O OVDD 20 IIC2_SCL AG13 I/O OVDD 20 IIC2_SDA AG14 I/O OVDD 20 SerDes 1 SD1_RX[0:7] N28, P26, R28, T26, Y26, AA28, AB26, AC28 I XVDD — SD1_RX[0:7] N27, P25, R27, T25, Y25, AA27, AB25, AC27 I XVDD — SD1_TX[0:7] M23, N21, P23, R21, U21, V23, W21, Y23 O XVDD — SD1_TX[0:7] M22, N20, P22, R20, U20, V22, W20, Y22 O XVDD — SD1_PLL_TPD V28 O XVDD 17 SD1_REF_CLK U28 I XVDD — SD1_REF_CLK U27 I XVDD — SD1_TST_CLK T22 — — SD1_TST_CLK T23 — — SerDes 2 SD2_RX[0] AD25 I XVDD — SD2_RX[2] AD1 I XVDD 26 SD2_RX[3] AB2 I XVDD 26 SD2_RX[0] AD26 I XVDD — SD2_RX[2] AC1 I XVDD 26 SD2_RX[3] AA2 I XVDD 26 SD2_TX[0] AA21 O XVDD — SD2_TX[2] AC4 O XVDD 26 SD2_TX[3] AA5 O XVDD 26 SD2_TX[0] AA20 O XVDD — SD2_TX[2] AB4 O XVDD 26 SD2_TX[3] Y5 O XVDD 26 SD2_PLL_TPD AG3 O XVDD 17 SD2_REF_CLK AE2 I XVDD — Table 62. MPC8544E Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |