| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5634MF0MMGA4 Fiches technique(PDF) 32 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5634MF0MMGA4 Fiches technique(HTML) 32 Page - Freescale Semiconductor, Inc |
|
32 / 118 page ![]() MPC5634M Microcontroller Data Sheet, Rev. 4 Preliminary—Subject to Change Without Notice Pinout and signal description Freescale Semiconductor 32 2.3 176 LQFP pinout (MPC5633M) Figure 4 shows the pinout for the 176-pin LQFP for the MPC5633M (1024 KB flash memory). Figure 4. 176-pin LQFP pinout (MPC5633M; top view) 176-Pin LQFP NIC TMS TDI / eMIOS[5] / GPIO[232] eTPU_A[4] / GPIO[227] TCK VSS eTPU_A[2] / GPIO[231] VDDEH7 eTPU_A[29] / GPIO[225] TDO / eMIOS[6] / GPIO[228] GPIO[219] JCOMP ALT_EVTO VDDE12 ALT_MSEO[0] ALT_MSEO[1] ALT_EVTI VSS DSPI_B_PCS[3] / DSPI_C_SIN / GPIO[108] DSPI_B_SOUT / DSPI_C_PCS[5] / GPIO[104] DSPI_B_SIN / DSPI_C_PCS[2] / GPIO[103] DSPI_B_PCS[0] / GPIO[105] VDDEH6B DSPI_B_PCS[1] / GPIO[106] VSS DSPI_B_PCS[2] / DSPI_C_SOUT / GPIO[107] DSPI_B_SCK / DSPI_C_PCS[1] / GPIO[102] DSPI_B_PCS[4] / DSPI_C_SCK / GPIO[109] DSPI_B_PCS[5] / DSPI_C_PCS[0] / GPIO[110] VDD RSTOUT CAN_C_TX / GPIO[87] SCI_A_TX / eMIOS[13] / GPIO[89] SCI_A_RX / eMIOS[15] / GPIO[90] CAN_C_RX / GPIO[88] RESET VSS VDDEH6A VSSPLL XTAL EXTAL / EXTCLK VDDPLL VSS NIC AN[18] AN[17] AN[16] AN[11] / ANZ AN[9] / ANX VDDA VSSA AN[39] / AN[10] / ANY AN[38] / AN[8] / ANW VDDREG VRCCTL VSTBY VRC33 MCKO VSS VDDE12 ALT_MDO[0] ALT_MDO[1] ALT_MDO[2] ALT_MDO[3] (see signal details, pin 21) (see signal details, pin 22) (see signal details, pin 23) (see signal details, pin 24) (see signal details, pin 25) (see signal details, pin 26) (see signal details, pin 27) (see signal details, pin 28) VSS (see signal details, pin 30) VDDEH1A (see signal details, pin 32) VDD eTPU_A[21] / IRQ[9] / GPIO[135] eTPU_A[20] / IRQ[8] / GPIO[134] eTPU_A[19] / GPIO[133] eTPU_A[18] / GPIO[132] eTPU_A[17] / GPIO[131] eTPU_A[16] / GPIO[130] (see signal details, pin 40) VDDEH1B (see signal details, pin 42) VSS NIC 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 132 131 130 129 128 127 126 125 124 123 122 121 120 119 118 117 116 115 114 113 112 111 110 109 108 107 106 105 104 103 102 101 100 99 98 97 96 95 94 93 92 91 90 89 Notes: 1. Pins marked “NIC” have no internal connection. 2. Pins marked “NC” are not functional pins but may be connected to internal circuitry. Connections to external circuits or other pins on this device can result in unpredictable system behavior or damage. signal details: Pin 21: eTPU_A[31] / DSPI_C_PCS[4] / eTPU_A[13] / GPIO[145] Pin 22: eTPU_A[30] / DSPI_C_PCS[3] / eTPU_A[11] / GPIO[144] Pin 23: eTPU_A[29] / DSPI_C_PCS[2] / GPIO[143] Pin 24: eTPU_A[28]/ DSPI_C_PCS[1] / GPIO[142] Pin 25: eTPU_A[27] / IRQ[15] / DSPI_C_SOUT_LVDS+ / DSPI_B_SOUT / GPIO[141] Pin 26: eTPU_A[26] / IRQ[14] / DSPI_C_SOUT_LVDS- / GPIO[140] Pin 27: eTPU_A[25] / IRQ[13] / DSPI_C_SCK_LVDS+ / GPIO[139] Pin 28: eTPU_A[24] / IRQ[12] / DSPI_C_SCK_LVDS- / GPIO[138] Pin 30: eTPU_A[23] / IRQ[11] / eTPU_A[21] / GPIO[137] Pin 32: eTPU_A[22] / IRQ[10] / eTPU_A[17] / GPIO[136] Pin 40: eTPU_A[15] / DSPI_B_PCS[5] / GPIO[129] Pin 42: eTPU_A[14] / DSPI_B_PCS[4] / eTPU_A[9] / GPIO[128] |