Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC5634M Fiches technique(PDF) 39 Page - Freescale Semiconductor, Inc

No de pièce MPC5634M
Description  microcontroller units (MCUs)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5634M Fiches technique(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC5634M_09 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5634M_09 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5634M_09 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5634M_09 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5634M_09 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5634M_09 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5634M_09 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5634M_09 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5634M_09 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 118 page
background image
CAN_A_TX
SCI_A_TX
GPIO[83]
CAN_A Transmit
eSCI_A Transmit
GPIO
PCR[83]
01
10
00
O
O
I/O
VDDEH6a
Slow
- / Up
- / Up24
66
81
P12
CAN_A_RX
SCI_A_RX
GPIO[84]
CAN_A Receive
eSCI_A Receive
GPIO
PCR[84]
01
10
00
I
I
I/O
VDDEH6a
Slow
- / Up
- / Up
67
82
R12
CAN_C_TX
GPIO[87]
CAN_C Transmit
GPIO
PCR[87]
01
00
O
I/O
VDDEH6a
Medium
- / Up
- / Up
84
101
K13
CAN_C_RX
GPIO[88]
CAN_C Receive
GPIO
PCR[88]
01
00
I
I/O
VDDEH6a
Slow
- / Up
- / Up
81
98
L14
eSCI
SCI_A_TX
eMIOS[13]
GPIO[89]
eSCI_A Transmit
eMIOS Ch.
GPIO
PCR[89]
01
10
00
O
O
I/O
VDDEH6a
Slow
- / Up
- / Up
83
100
J14
SCI_A_RX
eMIOS[15]
GPIO[90]
eSCI_A Receive
eMIOS Ch.
GPIO
PCR[90]
01
10
00
I
O
I/O
VDDEH6a
Slow
- / Up
- / Up
82
99
K14
SCI_B_TX
GPIO[91]
eSCI_B Transmit
GPIO
PCR[91]
01
00
I/O
I/O
VDDEH6a
Slow
- / Up
- / Up
72
87
L13
SCI_B_RX
GPIO[92]
eSCI_B Receive
GPIO
PCR[92]
01
00
I
I/O
VDDEH6a
Slow
- / Up
- / Up
69
84
M13
DSPI
DSPI_B_SCK
DSPI_C_PCS[1]
GPIO[102]
DSPI_B Clock
DSPI_C Periph Chip Select
GPIO
PCR[102]
01
10
00
I/O
O
I/O
VDDEH6b
Medium
- / Up
- / Up
89
106
J16
DSPI_B_SIN
DSPI_C_PCS[2]
GPIO[103]
DSPI_B Data Input
DSPI_C Periph Chip Select
GPIO
PCR[103]
01
10
00
I
O
I/O
VDDEH6b
Medium
- / Up
- / Up
95
112
G15
DSPI_B_SOUT
DSPI_C_PCS[5]
GPIO[104]
DSPI_B Data Output
DSPI_C Periph Chip Select
GPIO
PCR[104]
01
10
00
O
O
I/O
VDDEH6b
Medium
- / Up
- / Up
96
113
G13
Table 3. MPC563xM signal properties (continued)
Name
Function1
Pad
Config.
Register
(PCR)2
PCR
PA
Field3
I/O
Type
Voltage4 /
Pad Type
Reset
State5
Function /
State After
Reset6
Pin No.
144
LQFP
176
LQFP
208
MAPBGA
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not available
from Freescale for import or sale in the United States prior to September 2010: MPC5634M and MPC5633M products in 208 MAPBGA packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More