| Moteur de recherche de fiches techniques de composants électroniques |
|
HT9302D Fiches technique(PDF) 25 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT9302D Fiches technique(HTML) 25 Page - Holtek Semiconductor Inc |
|
25 / 33 page ![]() 18-pin DIP (300mil) Outline Dimensions · MS-001d (see fig1) Symbol Dimensions in mil Min. Nom. Max. A 880 ¾ 920 B 240 ¾ 280 C 115 ¾ 195 D 115 ¾ 150 E14 ¾ 22 F45 ¾ 70 G ¾ 100 ¾ H 300 ¾ 325 I ¾¾ 430 · MS-001d (see fig1) Symbol Dimensions in mil Min. Nom. Max. A 845 ¾ 880 B 240 ¾ 280 C 115 ¾ 195 D 115 ¾ 150 E14 ¾ 22 F45 ¾ 70 G ¾ 100 ¾ H 300 ¾ 325 I ¾¾ 430 HT9302 Series Rev. 1.30 25 May 13, 2009 1 8 1 1 0 9 A B C D E F G H I Fig1. Full Lead Packages 1 8 1 1 0 9 A B C D E F G H I Fig2. 1/2 Lead Packages |