| Moteur de recherche de fiches techniques de composants électroniques |
|
HT9302C Fiches technique(PDF) 27 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT9302C Fiches technique(HTML) 27 Page - Holtek Semiconductor Inc |
|
27 / 33 page ![]() 20-pin DIP (300mil) Outline Dimensions · MS-001d (see fig1) Symbol Dimensions in mil Min. Nom. Max. A 980 ¾ 1060 B 240 ¾ 280 C 115 ¾ 195 D 115 ¾ 150 E14 ¾ 22 F45 ¾ 70 G ¾ 100 ¾ H 300 ¾ 325 I ¾¾ 430 · MO-095a (see fig2) Symbol Dimensions in mil Min. Nom. Max. A 945 ¾ 985 B 275 ¾ 295 C 120 ¾ 150 D 110 ¾ 150 E14 ¾ 22 F45 ¾ 60 G ¾ 100 ¾ H 300 ¾ 325 I ¾¾ 430 HT9302 Series Rev. 1.30 27 May 13, 2009 2 0 1 1 1 1 0 A B C D E F G H I Fig1. Full Lead Packages 2 0 1 1 1 1 0 A B C D E F G H I Fig2. 1/2 Lead Packages |