| Moteur de recherche de fiches techniques de composants électroniques |
|
HT1623 Fiches technique(PDF) 11 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT1623 Fiches technique(HTML) 11 Page - Holtek Semiconductor Inc |
|
11 / 15 page ![]() READ-MODIFY-WRITE Mode (Command Code:101) READ-MODIFY-WRITE Mode (Successive Address Accessing) Command Mode (Command Code:100) Mode (Data and Command Mode) HT1623 Rev. 1.50 11 June 17, 2009 PATENTED D A T A C S W R 1 0 1 A 5 A 4 A 3 A 2 A 1 A 0 D 0 D 1 D 2 D 3 M e m o r y A d d r e s s 1 ( M A 1 ) D a t a ( M A 1 ) A 5 A 4 A 3 A 2 A 1 A 0 D 0 D 1 D 2 D 3 M e m o r y A d d r e s s 2 ( M A 2 ) D a t a ( M A 2 ) 1 0 1 R D D 0 D 1 D 2 D 3 D a t a ( M A 1 ) A 6 A 6 D A T A C S W R 1 0 1 A 5 A 4 A 3 A 2 A 1 A 0 D 0 D 1 D 2 D 3 M e m o r y A d d r e s s ( M A ) D a t a ( M A ) D 0 D 1 D 2 D 3 D 0 D 1 D 2 D 3 D 0 D 1 D 2 D 3 D 0 D a t a ( M A ) D a t a ( M A + 1 ) D a t a ( M A + 1 ) R D D 1 D 2 D 3 D 0 D a t a ( M A + 2 ) A 6 D A T A C S W R 1 0 0 C 8 C 7 C 6 C 5 C 4 C 3 C 2 C 1 C 0 C o m m a n d 1 C 8 C 7 C 6 C 5 C 4 C 3 C 2 C 1 C 0 C o m m a n d i C o m m a n d . . . C o m m a n d o r D a t a M o d e R D D A T A C S W R A d d r e s s a n d D a t a C o m m a n d o r D a t a M o d e A d d r e s s a n d D a t a C o m m a n d o r D a t a M o d e A d d r e s s a n d D a t a C o m m a n d o r D a t a M o d e |