Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT86B05 Fiches technique(PDF) 7 Page - Holtek Semiconductor Inc

No de pièce HT86B05
Description  Enhanced Voice 8-Bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86B05 Fiches technique(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT86B05 Datasheet HTML 3Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 4Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 5Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 6Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 7Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 8Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 9Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 10Page - Holtek Semiconductor Inc HT86B05 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
HT86B20/HT86B30
Chip size: 1975
´3300 (mm)
2
* The IC substrate should be connected to VSS in the PCB layout artwork.
HT86BXX/HT86BRXX
Rev. 1.60
7
October 20, 2009
( 0 , 0 )
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0
2 1 2 2 2 3 2 4
2 5
2 6
2 7
2 8
2 9
3 0
3 1
3 2
3 3
P A 7
P A 6
P A 5
P A 4
P A 3
P A 2
P A 1
P A 0
P B 0
P B 1
P B 2
V S S P
P W M 2
P W M 1
V D D P
V D D A
A U D
V S S A
O S C 2
O S C 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79