| Moteur de recherche de fiches techniques de composants électroniques |
|
LTL2F7JFDNN Fiches technique(PDF) 1 Page - Lite-On Technology Corporation |
|
|
|||||||||||||||||||||||||||||
LTL2F7JFDNN Fiches technique(HTML) 1 Page - Lite-On Technology Corporation |
|
1 / 7 page ![]() Low Current LTL1CHJxDNN LTL2F7JxDNN LTL2R3JxDNN 60 degree 60 degree 45 degree Features ! Low Power Consumption. ! High Efficiency. ! CMOS-MOS Compatible. ! TTL Compatible. ! Wide Viewing Angle. ! Choice of Package. ! Choice of Color Description These tinted diffuse LED lamps are designed and optimized specifically for low DC current operation. Luminous intensity and forward voltage are tested at 2mA to assure consistent brightness at TTL output current level. Application ! Low Power DC Circuits. ! Telecommunications Indicators. ! Portable Equipment. ! Keyboard Indicators. Devices Part No. (LTL) Lens Source Color 1CHJDDNN / 2F7JDDNN / 2R3JDDNN Red Diffused AlInGap Hyper Red 1CHJRDNN / 2F7JRDNN / 2R3JRDNN Red Diffused AlInGap Super Red 1CHJEDNN / 2F7JEDNN / 2R3JEDNN Red Diffused AlInGap Red 1CHJFDNN / 2F7JFDNN / 2R3FDNN Amber Diffused AlInGap Yellow Orange 1CHJYDNN / 2F7JYDNN / 2R3JYDNN Yellow Diffused AlInGap Amber Yellow 1CHJSDNN / 2F7JSDNN / 2R3JSDNN Yellow Diffused AlInGap Yellow 1CHJGDNN / 2F7JGDNN / 2R3JGDNN Green Diffused AlInGap Green !" |
Numéro de pièce similaire - LTL2F7JFDNN |
|
Description similaire - LTL2F7JFDNN |