| Moteur de recherche de fiches techniques de composants électroniques |
|
HT48R02B Fiches technique(PDF) 33 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT48R02B Fiches technique(HTML) 33 Page - Holtek Semiconductor Inc |
|
33 / 71 page ![]() HT46R01B/02B/01N/02N HT48R01B/02B/01N/02N Rev.1.00 33 December 15, 2009 T 0 O N P r e l o a d R e g i s t e r U p C o u n t e r D a t a B u s P F D 0 2 ¸ T C 0 T 0 E G M o d e C o n t r o l T i m e r 0 I n t e r n a l C l o c k ( f T 0 C K ) O v e r f l o w t o I n t e r r u p t T 0 M 1 , T 0 M 0 T 0 O V 8-bit Timer/Event Counter 0 Structure f S Y S / 4 L X T O s c i l l a t o r M U X T 1 S T 1 O N P r e l o a d R e g i s t e r U p C o u n t e r D a t a B u s P F D 1 2 ¸ T C 1 T 1 E G M o d e C o n t r o l O v e r f l o w t o I n t e r r u p t T 1 M 1 , T 1 M 0 T 1 O V 8-bit Timer/Event Counter 1 Structure Note: If PWM0/PWM1 is enabled, then fTP comes from fSYS (ignore T0S) P W M C o n t r o l M U X f T P f S Y S f L X T T i m e r P r e s c a l e r 0 1 P W M C 0 T 0 P S C [ 2 : 0 ] 7 S t a g e C o u n t e r T i m e - B a s e C o n t r o l P W M T i m e - B a s e e v e n t i n t e r r u p t P e r i o d T P f 1 1 3 1 0 * ( 2 ~ 2 ) T o T i m e r 0 i n t e r n a l c l o c k ( f T 0 C K = f T P ~ f T P / 1 2 8 ) 8 - 1 M U X 7 T 0 S Clock Structure for Timer/PWM/Time Base M U X P F D o u t p u t P F D 0 0 1 P F D 1 P F D C S |