Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC5121E Fiches technique(PDF) 77 Page - Freescale Semiconductor, Inc

No de pièce MPC5121E
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5121E Fiches technique(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MPC5121E Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5121E Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 86 page
background image
System Design Information
MPC5121E/MPC5123 Data Sheet, Rev. 4
Freescale Semiconductor
77
The SATA PHY needs to be powered even if it is not used in an application. In this case, you should not enable the SATA
oscillator and the SATA PHY by software.
Figure 59. Recommended Connection for Pins of Unused SATA PHY
Figure 60. Recommended connection for pins of unused USB PHY
4.4
Pull-Up/Pull-Down Resistor Requirements
The MPC5121e/MPC5123 requires external pull-up or pull-down resistors on certain pins.
4.4.1
Pull-Down Resistor Requirements for TEST pin
The MPC5121e/MPC5123 requires a pull-down resistor on the test pin TEST.
SATA_XTALO
SATA_XTALI
VSS
NC
SATA_RESREF
SATA_ANAVIZ
NC
NC
SATA_TXN
SATA_TXP
NC
NC
SATA_RXN
SATA_RXP
NC
NC
SATA_VDDA_1P2
SATA_VDDA_3P3
VDD_CORE
SATA_PLL_VDDA1P2
SATA_VDDA_VREG
1.7–2.6 V
SATA_RX_VSSA
SATA_PLL_VSSA
VSS
VSS
SATA_TX_VSSA
VSS
VDD_CORE
VDD_IO
MPC5121e/
MPC5123
USB_XTALO
USB_XTALI
VSS
NC
USB_TPA
NC
USB_DN
USB_DP
Weak pull-up or pull-down
USB_UID
USB_VBUS
VSS
USB_PLL_PWR3
USB_PLL_GND
VSS
USB_VSSA_BIAS
USB_RREF
VSS
VSS
USB_VDDA_BIAS
VSS
VSS
VDD_IO
USB_VSSA
VSS
USB_VDDA
VDD_IO
MPC5121e/MPC5123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86