| Moteur de recherche de fiches techniques de composants électroniques |
|
PEX8664 Fiches technique(PDF) 4 Page - PLX Technology |
|
|
|||||||||||||||||||||||||||||
PEX8664 Fiches technique(HTML) 4 Page - PLX Technology |
|
4 / 5 page ![]() PEX 8664, PCI Express Gen 2 Switch, 64 Lanes, 16 Ports © PLX Technology, www.plxtech.com Page 4 of 4 5/14/2009, Version 1.1 server design where, in a quad or multi processor system, users can assign endpoints/slots to CPU cores to distribute the system load. The packets directed to different CPU cores will go to different (user assigned) PEX 8664 upstream ports, allowing better queuing and load balancing capability for higher performance. CPU CPU CPU CPU CPU CPU CPU CPU x8 x4s Memory Memory Memory Memory x8s x4 x16 Endpoint Endpoint Endpoint Endpoint Endpoint Endpoint Endpoint Endpoint PCIe Gen1 or PCIe Gen2 slots x8 PEX 8664 PEX 8664 PEX 8664 PEX 8664 Chipset Chipset Chipset Chipset Figure 6. Host Centric Dual Upstream Embedded or Communications Systems The PEX 8664’s 64 lanes can come in handy for embedded or communications applications requiring heavy processing and/or connectivity to multiple endpoints. Figure 7a shows an embedded system where the PEX 8664 is being used to fan-out to eight endpoints using x8 and x16 links. Figure 7b shows a communications system where the PEX 8664 is using x16 downstream links to fan out to three CPUs which have been configured as endpoints. These CPUs will run as endpoints, conducting different processing tasks while the host CPU (connected to the PEX 8664 via a x16 upstream link) manages them. Chip Set Chip Set CPU CPU CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint PEX 8664 PEX 8664 x16 x16s Figure 7b. Comms System Chip Set Chip Set CPU CPU x16 x8s I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O PEX 8664 PEX 8664 Figure 7a. Embedded System Chip Set Chip Set CPU CPU CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint PEX 8664 PEX 8664 x16 x16s Figure 7b. Comms System Chip Set Chip Set CPU CPU CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint PEX 8664 PEX 8664 x16 x16s Chip Set Chip Set CPU CPU CPU CPU CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint CPU Endpoint PEX 8664 PEX 8664 PEX 8664 PEX 8664 x16 x16s Figure 7b. Comms System Chip Set Chip Set CPU CPU x16 x8s I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O PEX 8664 PEX 8664 Figure 7a. Embedded System Chip Set Chip Set CPU CPU x16 x8s I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O PEX 8664 PEX 8664 Chip Set Chip Set CPU CPU CPU CPU x16 x8s I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O PEX 8664 PEX 8664 PEX 8664 PEX 8664 Figure 7a. Embedded System Host Failover The PEX 8664 can also be utilized in applications where host failover is required. In the application shown in Figure 8, two hosts may be active simultaneously and controlling their own domains while exchange status information through doorbell registers or I 2C interface. The devices can be programmed to trigger fail-over if the heartbeat information is not provided. In the event of a failure, the surviving device will reset the endpoints connected to the failing CPU and enumerate them in its own domain without impacting the operation of endpoints already in its domain. CPU CPU CPU CPU CPU CPU CPU CPU x8 x4 & x8 Chipset Chipset Chipset Chipset PEX 8664 PEX 8664 PEX 8664 PEX 8664 CPU CPU CPU CPU CPU CPU CPU CPU x8 Chipset Chipset Chipset Chipset PEX 8664 PEX 8664 PEX 8664 PEX 8664 x8s Figure 8. Host Fail-Over N+1 Fail-Over in Storage Systems The PEX 8664’s Multi-Host feature can also be used to develop storage array clusters where each host manages a set of storage devices independent of others. Users can designate one of the hosts as the failover-host for all the other hosts while actively managing its own endpoints. The failover-host will communicate with other hosts for status/heartbeat information and execute a failover event if/when it gets triggered (see Figure 9). x4 x4 x8 x8 x4 x8 x8 x4 CPU CPU PEX 8664 PEX 8664 PEX 8664 PEX 8664 8 Disk Chassis FC FC x4 x4 FC FC PEX 8612 PEX 8612 8 Disk Chassis FC FC x4 x4 FC FC PEX 8612 PEX 8612 PEX 8612 PEX 8612 CPU CPU CPU CPU CPU CPU 8 Disk Chassis FC FC x4 x4 FC FC PEX 8612 PEX 8612 8 Disk Chassis FC FC x4 x4 FC FC PEX 8612 PEX 8612 PEX 8612 PEX 8612 8 Disk Chassis FC FC x4 x4 FC FC PEX 8616 PEX 8616 8 Disk Chassis FC FC x4 x4 FC FC PEX 8616 PEX 8616 PEX 8616 PEX 8616 8 Disk Chassis FC FC x4 x4 FC FC PEX 8616 PEX 8616 8 Disk Chassis FC FC x4 x4 FC FC PEX 8616 PEX 8616 PEX 8616 PEX 8616 Figure 9. N+1 Failover |