| Moteur de recherche de fiches techniques de composants électroniques |
|
PEX8111 Fiches technique(PDF) 2 Page - PLX Technology |
|
|
|||||||||||||||||||||||||||||
PEX8111 Fiches technique(HTML) 2 Page - PLX Technology |
|
2 / 2 page ![]() Design Applications ExpressCard™ Adapter – Forward Bridge The PEX 8111 can be used to quickly upgrade legacy PCI adapter board designs to be compatible with PCI Express standard interface slots. In Figure 2, an existing CardBus™ IC is converted for use on an ExpressCard™ with the addition of the single-chip PEX 8111. PCI Bus PEX 8111 CardBus Silicon PCI Bus PEX 8111 CardBus Silicon Figure 2. Forward Bridge in ExpressCard™ Embedded Host Platform – Reverse Bridge The PEX 8111 supports Reverse bridging, enabling designers to utilize the latest PCI Express silicon with widely entrenched PCI host systems. Reverse bridging allows the host processor to reside on the PCI bus; the PEX 8111 will accept configuration cycles from the PCI side and manage the PCI Express interface as a secondary entity within the PCI software model as in Figure 3. Figure 3. Reverse Bridge with PCI CPU Development Tools PEX 8111 Reference Design Kits (RDK) enable rapid customer design. The Reverse Bridge RDK (Figure 4) includes a standard PCI connector (card-edge) and a standard PCI Express slot on the secondary side. The Forward Bridge RDK (Figure 5) includes the PEX 8111 with a single x1 PCI Express port (card-edge) and four PCI slots on the secondary side. Each PEX 8111RDK can be installed in a motherboard to evaluate PEX 8111 features and validate customer software. Figure 4. Reverse Bridge RDK Figure 5. Forward Bridge RDK . Product Ordering Information Part Number Description PEX8111-BB66BC PCI Express to PCI Bridge, Standard BGA Package PEX8111-BB66FBC PCI Express to PCI Bridge, Fine-pitch BGA Package PEX8111-BB66BC F PCI Express to PCI Bridge, Standard BGA Package, Lead-Free PEX8111-BB66FBC F PCI Express to PCI Bridge, Fine-pitch BGA Package, Lead-Free PEX8111RDK-F Forward Bridge Reference Design Kit PEX8111RDK-R Reverse Bridge Reference Design Kit © 2005 PLX Technology, Inc. All rights reserved. PLX and the PLX logo are registered trademarks of PLX Technology, Inc. ExpressLane is a trademark of PLX Technology, Inc., which may be registered under some jurisdiction. All other product names that appear in this material are for identification purposes only and are acknowledged to be trademarks or registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and reliable, but PLX Technology, Inc. assumes no responsibility for any errors that may appear in this material. PLX Technology, Inc. reserves the right, without notice, to make changes in product design or specification. PCI8111-SIL-PB-P1-1.4 10/05 500 PLX Technology, Inc. 870 Maude Ave. Sunnyvale, CA 94085 USA Tel: 1-408-774-9060 Fax: 1-408-774-2169 Email: info@plxtech.com Web Site: www.plxtech.com PCI Bus PCI Host CPU PCI Slots PEX 8111 PCI Express ASIC PCI Bus PCI Host CPU PCI Host CPU PCI Slots PEX 8111 PCI Express ASIC EEPROM JTAG Header EEPROM PEX 8114 Bridge PEX 8111 PEX 8114 Bridge PEX 8111 EEPROM |