| Moteur de recherche de fiches techniques de composants électroniques |
|
TCFQ18-VA-R501R0M Fiches technique(PDF) 1 Page - American Accurate Components, Inc. |
|
|
|||||||||||||||||||||||||||||
TCFQ18-VA-R501R0M Fiches technique(HTML) 1 Page - American Accurate Components, Inc. |
|
1 / 3 page ![]() American Accurate Components, Inc. THIN FILM CHIP FUSE The content of this specification may change without notification 10/25/07 188 Technology Drive, Unit H, Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889 1 Custom solutions are available. TCF Q 05 -V2- 1R0 M Packaging M = tape/reel Rated Current R50 = 0.5A 1R0 = 1A Rated Voltage VA = 125V V6 = 63V V5 = 50V V3 = 32V V2 = 24V Size 05 = 0402 16 = 0603 18 = 1206 Fuse Time Blank = 1 min at 200% Q = 5 sec at 250% Series Thin Film Chip Fuse DIMENSIONS (mm) SCHEMATIC CONSTRUCTION TCF05 TCF16 TCF18 Series TCFQ05 TCFQ16 TCFQ18 Size 0402 0603 1206 L 1.0 ± 0.1 1.6 ± 0.1 3.1 ± 0.1 W 0.52 ± 0.05 0.80 ± 0.10 1.55 ± 0.10 C 0.2 ± 0.1 0.3 ± 0.2 0.5 ± 0.3 d 0.25 ± 0.1 0.35 ± 0.2 0.40 ± 0.2 t 0.35 ± 0.05 0.45 ± 0.1 0.60 ± 0.1 PERFORMANCE Item Requirement Test Condition Carrying Capacity No Fusing Rated Current, 4 hours Interrupting Ability No mechanical damage After the fuse is interrupted, rated voltage is applied for 30 sec. again Bending Test No mechanical damage Distance between holding points: 90mm, bending: 3 mm for 1 time Resistance to Solder Heat ±20% 260 °C ± 5°C, 10 ± 1 seconds Solderability 95% coverage minimum 235 °C ± 5°C, 2 ± 0.5 seconds Temperature Rise < 75 °C 100% of its rated current, measure of surface temperature Resistance to Dry Heat ±20% 105 °C ± 5°C for 1000 hours Resistance to Solvent No evident damages on protective coating and marking 23 °C ± 5°C of isopropyl alcohol for 90 seconds Residual Heat > 10K Ω Measure DC resistance after fusing Thermal Shock ∆R < 10% -20 °C/+25°C/+125°C/+25°C for 10 cycles HOW TO ORDER FEATURES Thin Film Chip Fuse Small and lightweight design Thin Film manufacturing method with stabilizing fusing characteristics Low internal resistance Suitable for over current protection RECOGNIZED STANDARD UL248-14, File E241710 ISO/TS 16949:2002 Certified APPLICATIONS PC related equipment and peripherals: PC, Hard Drive, CD- R/RW, Printer, etc. Small portable devices: Mobile Phones, PDA , Battery, Charges Digital Camera Game Equipment LCD monitors, LCD modules, (backlight inverter) |
Numéro de pièce similaire - TCFQ18-VA-R501R0M |
|
Description similaire - TCFQ18-VA-R501R0M |