| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE5166 Fiches technique(PDF) 73 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE5166 Fiches technique(HTML) 73 Page - Analog Devices |
|
73 / 156 page ![]() ADE5166/ADE5169/ADE5566/ADE5569 Rev. B | Page 73 of 156 ENERGY MEASUREMENT INTERRUPTS The energy measurement part of the ADE5166/ADE5169/ ADE5566/ADE5569 has its own interrupt vector for the 8052 core, Vector Address 0x004B (see the Interrupt Vectors section). The bits set in the Interrupt Enable 1 SFR (MIRQENL, Address 0xD9), Interrupt Enable 2 SFR (MIRQENM, Address 0xDA), and Interrupt Enable 3 SFR (MIRQENH, Address 0xDB) enable the energy measurement interrupts that are allowed to interrupt the 8052 core. If an event is not enabled, it cannot create a system interrupt. The ADE interrupt stays active until the status bit that created the interrupt is cleared. The status bit is cleared when a 0 is written to this register bit. |