| Moteur de recherche de fiches techniques de composants électroniques |
|
PW035XS4 Fiches technique(PDF) 21 Page - AZ Displays |
|
|
|||||||||||||||||||||||||||||
PW035XS4 Fiches technique(HTML) 21 Page - AZ Displays |
|
21 / 27 page ![]() PW035XS4 The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. PAGE:21 10. Optical Characteristics 10-1) Specification: Ta = 25 Parameter Symbol Condition MIN. TYP. MAX. Unit Remarks Horizontal 21, 22 55 60 --- deg 11 35 40 --- deg Viewing Angle Vertical 12 CR 10 45 50 --- deg Note 10-1 Contrast Ratio CR At optimized Viewing angle 200 350 --- - Note 10-2 Rise Tr --- 15 20 ms Note 10-4 Response time Fall Tf =0 --- 25 30 ms Uniformity U 9 point 75 80 --- - Note 10-3 Brightness L =0 300 350 --- cd/ x =0 0.29 0.32 0.35 - White Chromaticity y =0 0.31 0.34 0.37 - LED Life time - +25 20000 30000 --- hrs Note 10-5 Note 10-1 : The definitions of viewing angles Luminance when Testing point is White Note 10-2 : CR Luminance when Testing point is Black (Testing configuration see 10-2 ) Contrast Ratio is measured in optimum common electrode voltage. P-511-414(V:3) |