| Moteur de recherche de fiches techniques de composants électroniques |
|
PD064VT5_V1.5 Fiches technique(PDF) 10 Page - AZ Displays |
|
|
|||||||||||||||||||||||||||||
PD064VT5_V1.5 Fiches technique(HTML) 10 Page - AZ Displays |
|
10 / 24 page ![]() PD064VT5 The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:10 (4) Detail of Horizontal Timing : (a) VGA-480 Mode (Hsync = Positive / Negative Polarization) Item Description Clock Cycles Time A Horizontal Width 96 3.813 s B Horizontal B-Porch 48 1.907 s C Horizontal Display 640 25.422 s D Horizontal F-Porch 16 0.636 s E Horizontal Total 800 31.778 s (b) VGA-400 Mode (Hsync = Negative Polarization) Item Description Clock Cycles Time A Horizontal Width 96 3.813 s B Horizontal B-Porch 48 1.907 s C Horizontal Display 640 25.422 s D Horizontal F-Porch 16 0.636 s E Horizontal Total 800 31.778 s (c) VGA-350 Mode (Hsync = Positive Polarization) Item Description Clock Cycles Time A Horizontal Width 96 3.813 s B Horizontal B-Porch 48 1.907 s C Horizontal Display 640 25.422 s D Horizontal F-Porch 16 0.636 s E Horizontal Total 800 31.778 s |