| Moteur de recherche de fiches techniques de composants électroniques |
|
PD064VT4 Fiches technique(PDF) 4 Page - AZ Displays |
|
|
|||||||||||||||||||||||||||||
PD064VT4 Fiches technique(HTML) 4 Page - AZ Displays |
|
4 / 22 page ![]() PD064VT4 The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:4 1. Application This product applies computer peripheral, industrial meter, image communication and multi-media. 2. Features . Compatible with VGA-480, VGA-400, VGA-350 mode . Support the DENB mode . Pixel in stripe configuration . Slim and compact . Display Colors: 262,144 colors . Image Reversion: Up/Down and Left/Right . Backlight lamps are Replaceable 3. Mechanical Specifications Parameter Specifications Unit Screen Size 6.4 (diagonal) inch Display Format 640×(R,G,B )×480 dot Active Area 129.6 (H)×97.44 (V) mm Pixel Pitch 0.2025 (H)×0.203 (V) mm Pixel Configuration Stripe Surface Treatment Anti – Glare &Wide View film Outline Dimension 175.4 (W)×126.9 (H)×12.5 (D) (Typ.) mm Weight 340±10 g Gray scale inversion direction 6 o’clock [ ref to Page 16 viewing angle ] |