Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD064VT4_V8 Fiches technique(PDF) 18 Page - AZ Displays

No de pièce PD064VT4_V8
Description  TECHNICAL SPECIFICATION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AZDISPLAYS [AZ Displays]
Site Internet  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD064VT4_V8 Fiches technique(HTML) 18 Page - AZ Displays

Back Button PD064VT4_V8 Datasheet HTML 14Page - AZ Displays PD064VT4_V8 Datasheet HTML 15Page - AZ Displays PD064VT4_V8 Datasheet HTML 16Page - AZ Displays PD064VT4_V8 Datasheet HTML 17Page - AZ Displays PD064VT4_V8 Datasheet HTML 18Page - AZ Displays PD064VT4_V8 Datasheet HTML 19Page - AZ Displays PD064VT4_V8 Datasheet HTML 20Page - AZ Displays PD064VT4_V8 Datasheet HTML 21Page - AZ Displays PD064VT4_V8 Datasheet HTML 22Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
PD064VT4
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
Page:18
⏐YA-YB⏐
Note 9-6 : Cross Talk (CTK) =
YA
×100%
YA : Brightness of Pattern A
YB : Brightness of Pattern B
PatternA
(Gray Level 46)
PatternB
(Gray Level 46, central
black box exclusive)
: Testing Point (A and B areat the same point.)
YA
YB
1/3
1/3
1/3
1/3
1/3
1/3
Black
(Gray Level 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22