Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD064VT2_V1.9 Fiches technique(PDF) 3 Page - AZ Displays

No de pièce PD064VT2_V1.9
Description  TECHNICAL SPECIFICATION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AZDISPLAYS [AZ Displays]
Site Internet  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD064VT2_V1.9 Fiches technique(HTML) 3 Page - AZ Displays

  PD064VT2_V1.9 Datasheet HTML 1Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 2Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 3Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 4Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 5Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 6Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 7Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 8Page - AZ Displays PD064VT2_V1.9 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
PD064VT2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:3
1. Application
This product applies computer peripheral, industrial meter, image communication,
web-pad, e-boobs and multi-media.
2. Features
. Pixel in stripe configuration
. Slim and compact
. Display Colors : 262,144 colors
. Viewing Direction : 6 o’clock
. Slim module design for mobile electronics device application
3. Mechanical Specifications
Parameter
Specifications
Unit
Screen Size
6.4 (diagonal)
inch
Display Format
640×R, G, B×480
dot
Active Area
129.6(H)×97.44 (V)
mm
Dot Pitch
0.0675 (H)×0.203 (V)
mm
Pixel Pitch
0.203 (H)×0.203 (V)
mm
Pixel Configuration
Stripe
Outline Dimension
See Mechanical Drawing
mm
Weight
165±10
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22