| Moteur de recherche de fiches techniques de composants électroniques |
|
PD024OX8 Fiches technique(PDF) 21 Page - AZ Displays |
|
|
|||||||||||||||||||||||||||||
PD024OX8 Fiches technique(HTML) 21 Page - AZ Displays |
|
21 / 39 page ![]() PD024OX8 The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page 21 12.AC Characteristics 12-1 Timing conditions Parameter Symbol Min. Typ. Max. Unit Delay between Hsync and DCLK Thc - - 1 DCLK Hysnc width Twh 1 32 - DCLK Hysnc period Th 60 63.5 67 s Vsync setup time Tvst 12 - - ns Vsync hold time Tvhd 12 - - ns Hsync setup time Thst 12 - - ns Hsync hold time Thhd 12 - - ns Data set-up time Tdsu 12 - - ns Data hold time Tdhd 12 - - ns Vsync width for RGB mode Twv 2 4 6 Th Vsync width for YUV mode Twv 1.5 1.5 5.5 Th Vsync period NTSC Tv - 262.5 - Th Vsync period PAL Tv - 312.5 - Th Hsync to Vsync time for ODD field THV_O -4 0 +4 DCLK Hsync to Vsync time for EVEN field THV_E 0 0.5 - Th Serial communication Parameter Symbol Min. Typ. Max. Unit Serial clock period Tsck 320 - - ns Serial clock duty cycle Tscw 40 50 60 % Serial clock width Tssw 120 - - s Serial data setup time Tist 120 - - ns Serial data hold time Tihd 120 - - ns SPENB setup time Tcst 120 - - ns SPENB data hold time Tchd 120 - - ns Chip select distinguish Tcd 1 - - s Delay between SPCK and Vsync Tcv 1 - - s |