| Moteur de recherche de fiches techniques de composants électroniques |
|
BD204 Fiches technique(PDF) 3 Page - Comset Semiconductor |
|
|
|||||||||||||||||||||||||||||
BD204 Fiches technique(HTML) 3 Page - Comset Semiconductor |
|
3 / 3 page ![]() PNP BD202 – BD204 NPN BD201 – BD203 COMSET SEMICONDUCTORS 3 /3 MECHANICAL DATA CASE TO-220 DIMENSIONS mm inches A 9,86 0,39 B 15,73 0,62 C 13,37 0,52 D 6,67 0,26 E 4,44 0,17 F 4,21 0,16 G 2,99 0,11 H 17,21 0,68 L 1,29 0,05 M 3,6 0,14 N 1,36 0,05 P 0,46 0,02 R 2,1 0,08 S 5 0,19 T 2,52 0,098 U 0,79 0,03 Pin 1 : base Pin 2 : Collector Pin 3 : emitter Information furnished is believed to be accurate and reliable. However, CS assumes no responsability for the consequences of use of such information nor for errors that could appear. Data are subject to change without notice. |