Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ED050SC3 Fiches technique(PDF) 13 Page - AZ Displays

No de pièce ED050SC3
Description  TECHNICAL SPECIFICATION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AZDISPLAYS [AZ Displays]
Site Internet  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ED050SC3 Fiches technique(HTML) 13 Page - AZ Displays

Back Button ED050SC3 Datasheet HTML 9Page - AZ Displays ED050SC3 Datasheet HTML 10Page - AZ Displays ED050SC3 Datasheet HTML 11Page - AZ Displays ED050SC3 Datasheet HTML 12Page - AZ Displays ED050SC3 Datasheet HTML 13Page - AZ Displays ED050SC3 Datasheet HTML 14Page - AZ Displays ED050SC3 Datasheet HTML 15Page - AZ Displays ED050SC3 Datasheet HTML 16Page - AZ Displays ED050SC3 Datasheet HTML 17Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ED050SC3
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:13
8-3)Reflection Ratio
The reflection ratio is expressed as:
R = Reflectance Factorwhite board
x
( Lcenter / Lwhite board )
Lcenter is the luminance measured at center in a white area (R=G=B=1). Lwhite board is the luminance of a
standard white board. Both are measured with equivalent illumination source. The viewing angle shall be
no more than 2 degrees.
α = declination / θ = azimuth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18