Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSM320HAY30 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce LSM320HAY30
Description  MEMS motion sensor module: 3D digital accelerometer and 2D pitch and yaw analog gyroscope
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM320HAY30 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button LSM320HAY30 Datasheet HTML 5Page - STMicroelectronics LSM320HAY30 Datasheet HTML 6Page - STMicroelectronics LSM320HAY30 Datasheet HTML 7Page - STMicroelectronics LSM320HAY30 Datasheet HTML 8Page - STMicroelectronics LSM320HAY30 Datasheet HTML 9Page - STMicroelectronics LSM320HAY30 Datasheet HTML 10Page - STMicroelectronics LSM320HAY30 Datasheet HTML 11Page - STMicroelectronics LSM320HAY30 Datasheet HTML 12Page - STMicroelectronics LSM320HAY30 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
LSM320HAY30
Block diagram and pin description
Doc ID 16917 Rev 1
9/42
19
4xIN X
Input of 4x amplifier
20
4xOUT X
X rate signal output voltage (amplified)
21
Vref
Reference voltage
22
4x OUTZ
Z rate signal output voltage (amplified)
23
4xIN Z
Input of 4x amplifier
24
OUT Z
Not amplified Out Z
25
VDD
Power supply
26
RES
Connected to Vdd
27
RES
Connected to Vdd
28
RES
Connected to Vdd
Table 1.
Pin description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42