| Moteur de recherche de fiches techniques de composants électroniques |
|
STI7108 Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STI7108 Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 12 page ![]() STi7108 Introduction Doc ID 16790 Rev 1 3/12 1.1 STi7108 features summary CPUs ● Applications CPU, ST40-300, dual-issue, MMU, 32KI, 32KD caches, 500 MHz delivering >900DMIPs: – Includes an L2 cache, 256KB, 2-way set associative – Includes a tightly coupled vector FPU to accelerate 3D graphics transformations ● Real-time CPU for a/v real-time control and network processing offload - ST40-300, dual-issue, MMU, 32KI, 32KD caches, 500 MHz delivering >900DMIPs ● Additional ST231 CPU available for further offloading of the applications CPU with multimedia, security and networking tasks 2D Graphics acceleration ● Link list based, multi-operator 2D graphics blitter ● Supports rendering, formatting and pre-composition of 2D graphics and 3D-like user interface effects ● Up to 266 Mpixels/sec with destination alpha blending ● Tile RAM memory bandwidth saver accelerates blitter based pre-composition of virtual graphics planes before display ● Support for concurrent blitter use by applications and composition threads 3D Graphics acceleration ● True 3D graphics and 2D vector graphics acceleration engine (GPU), optimized for consumer applications ● Programmable Vertex (Geometry) processor and Fragment (Pixel) processor: – Accelerated four times full scene anti-aliasing (4×FSAA) – Tile based for memory bandwidth efficiency – Supports decoded video as textures ● Compatible with industry standard APIs, OpenGL ES 1.1/2.0 and Open VG 1.0/1.1 ● Rendering performance up to either 720p60 with 4×FSAA or 1080i60 with 4×FSAA (without lighting) with simple pixel shaders, and up to 720p30 with 4×FSAA with complex pixel shaders (with lighting) |