| Moteur de recherche de fiches techniques de composants électroniques |
|
STDP6038 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STDP6038 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 7 page ![]() STDP6026, STDP6028, STDP6038 Ordering information Doc ID 15270 Rev 2 5/7 3 Ordering information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Table 1. Order codes Part number Description STDP6026-AC 128-pin PQFP STDP6028-AC 128-pin PQFP STDP6038-AC 128-pin PQFP |