Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STDP6026 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STDP6026
Description  Triple input LCD controller for WSXGA and WUXGA applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDP6026 Fiches technique(HTML) 5 Page - STMicroelectronics

  STDP6026 Datasheet HTML 1Page - STMicroelectronics STDP6026 Datasheet HTML 2Page - STMicroelectronics STDP6026 Datasheet HTML 3Page - STMicroelectronics STDP6026 Datasheet HTML 4Page - STMicroelectronics STDP6026 Datasheet HTML 5Page - STMicroelectronics STDP6026 Datasheet HTML 6Page - STMicroelectronics STDP6026 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STDP6026, STDP6028, STDP6038
Ordering information
Doc ID 15270 Rev 2
5/7
3
Ordering information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 1.
Order codes
Part number
Description
STDP6026-AC
128-pin PQFP
STDP6028-AC
128-pin PQFP
STDP6038-AC
128-pin PQFP



Html Pages

1 2 3 4 5 6 7