Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

bq20z65-R1DBT Fiches technique(PDF) 19 Page - Texas Instruments

No de pièce bq20z65-R1DBT
Description  SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

bq20z65-R1DBT Fiches technique(HTML) 19 Page - Texas Instruments

Back Button bq20z65-R1DBT Datasheet HTML 15Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 16Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 17Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 18Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 19Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 20Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 21Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 22Page - Texas Instruments bq20z65-R1DBT Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
bq20z65-R1
www.ti.com
SLUS990 – DECEMBER 2009
Table 4. EXTENDED SBS COMMANDS (continued)
SBS
SIZE IN
MIN
MAX
DEFAULT
MODE
NAME
FORMAT
UNIT
CMD
BYTES
VALUE
VALUE
VALUE
0x6a
R
PFAlert2
Hex
2
0x0000
0x000f
—
—
0x6b
R
PFStatus2
Hex
2
0x0000
0x000f
—
—
0x6c
R
ManufBlock1
String
20
—
—
—
—
0x6d
R
ManufBlock2
String
20
—
—
—
—
0x6e
R
ManufBlock3
String
20
—
—
—
—
0x6f
R
ManufBlock4
String
20
—
—
—
—
0x70
R/W
ManufacturerInfo
String
31+1
—
—
—
—
0x71
R/W
SenseResistor
Unsigned
2
0
65,535
—
μΩ
integer
0x72
R
TempRange
Hex
2
—
—
—
—
0x73
R
LifetimeData1
String
32+1
—
—
—
—
0x74
R
LifetimeData2
String
8+1
—
—
—
—
0x77
R/W
DataFlashSubClassID
Hex
2
0x0000
0xffff
—
—
0x78
R/W
DataFlashSubClassPage1
Hex
32
—
—
—
—
0x79
R/W
DataFlashSubClassPage2
Hex
32
—
—
—
—
0x7a
R/W
DataFlashSubClassPage3
Hex
32
—
—
—
—
0x7b
R/W
DataFlashSubClassPage4
Hex
32
—
—
—
—
0x7c
R/W
DataFlashSubClassPage5
Hex
32
—
—
—
—
0x7d
R/W
DataFlashSubClassPage6
Hex
32
—
—
—
—
0x7e
R/W
DataFlashSubClassPage7
Hex
32
—
—
—
—
0x7f
R/W
DataFlashSubClassPage8
Hex
32
—
—
—
—
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): bq20z65-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23