Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBRP20060 Fiches technique(PDF) 2 Page - Motorola, Inc

No de pièce MBRP20060
Description  SCHOTTKY BARRIER RECTIFIERS 200 AMPERES 45 to 60 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRP20060 Fiches technique(HTML) 2 Page - Motorola, Inc

  MBRP20060 Datasheet HTML 1Page - Motorola, Inc MBRP20060 Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MBRP20045CT MBRP20060CT
2
Rectifier Device Data
PACKAGE DIMENSIONS
CASE 357C–03
ISSUE C
B
0.25 (0.010) M TA MM
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
3.450
3.635
87.63
92.33
INCHES
B
0.700
0.810
17.78
20.57
C
0.615
0.640
15.53
16.26
E
0.120
0.130
3.05
3.30
F
0.435
0.445
11.05
11.30
G
1.370
1.380
34.80
35.05
H
0.007
0.030
0.18
0.76
N
1/4–20UNC–2B
1/4–20UNC–2B
Q
0.270
0.285
6.86
7.32
R
31.50 BSC
80.01 BSC
U
0.600
0.630
15.24
16.00
V
0.330
0.375
8.39
9.52
W
0.170
0.190
4.32
4.82
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. TERMINAL PENETRATION: 5.97 (0.235) MAXIMUM.
R
G
W
N
Q
B
0.25 (0.010) M TA MM
2 PL
E
SEATING
PLANE
F
V
U
C
H
–A–
–B–
–T–
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4–32–1,
P.O. Box 5405, Denver, Colorado 80217. 303–675–2140 or 1–800–441–2447
Nishi–Gotanda, Shinagawa–ku, Tokyo 141, Japan. 81–3–5487–8488
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
– US & Canada ONLY 1–800–774–1848
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
INTERNET: http://motorola.com/sps
MBRP20045CT/D
◊ CODELINE TO BE PLACED HERE



Html Pages

1 2