Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R45751 Fiches technique(PDF) 6 Page - Integrated Technology Future

No de pièce R45751
Description  SAW Resonator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITF [Integrated Technology Future]
Site Internet  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

R45751 Fiches technique(HTML) 6 Page - Integrated Technology Future

  R45751 Datasheet HTML 1Page - Integrated Technology Future R45751 Datasheet HTML 2Page - Integrated Technology Future R45751 Datasheet HTML 3Page - Integrated Technology Future R45751 Datasheet HTML 4Page - Integrated Technology Future R45751 Datasheet HTML 5Page - Integrated Technology Future R45751 Datasheet HTML 6Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SAW Resonator R45751
Part No.
R45751
Carrier Tape Dimensions
[unit : mm]
Rev. Date
2004-04-20
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NS3127-AS01
6/6
Part Direction
Reel Dimensions
[unit : mm]
A
5.50
± 0.1
B
5.50
± 0.1
C
7.25
± 0.1
D
1.95
± 0.1
E
12.00
± 0.1
F
8.00
± 0.1
Tape Running Direction



Html Pages

1 2 3 4 5 6