Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

F2201 Fiches technique(PDF) 7 Page - Integrated Technology Future

No de pièce F2201
Description  SAW Bandpass Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITF [Integrated Technology Future]
Site Internet  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F2201 Fiches technique(HTML) 7 Page - Integrated Technology Future

  F2201 Datasheet HTML 1Page - Integrated Technology Future F2201 Datasheet HTML 2Page - Integrated Technology Future F2201 Datasheet HTML 3Page - Integrated Technology Future F2201 Datasheet HTML 4Page - Integrated Technology Future F2201 Datasheet HTML 5Page - Integrated Technology Future F2201 Datasheet HTML 6Page - Integrated Technology Future F2201 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SAW Bandpass Filter F2201
Part No.
F2201
Rev. Date
2008.10.07.
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NR6001-AS03
7/7
Carrier Tape Dimensions
[unit : mm]
Part Direction
Reel Dimensions
[unit : mm]
A
5.50
± 0.1
B
5.50
± 0.1
C
7.25
± 0.1
D
1.95
± 0.1
E
12.00
± 0.1
F
8.00
± 0.1
Tape Running Direction



Html Pages

1 2 3 4 5 6 7