Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC0802 Fiches technique(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce ADC0802
Description  8-Bit 關P Compatible A/D Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0802 Fiches technique(HTML) 12 Page - National Semiconductor (TI)

Back Button ADC0802 Datasheet HTML 8Page - National Semiconductor (TI) ADC0802 Datasheet HTML 9Page - National Semiconductor (TI) ADC0802 Datasheet HTML 10Page - National Semiconductor (TI) ADC0802 Datasheet HTML 11Page - National Semiconductor (TI) ADC0802 Datasheet HTML 12Page - National Semiconductor (TI) ADC0802 Datasheet HTML 13Page - National Semiconductor (TI) ADC0802 Datasheet HTML 14Page - National Semiconductor (TI) ADC0802 Datasheet HTML 15Page - National Semiconductor (TI) ADC0802 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Typical Applications (Continued)
Handling ±10V Analog Inputs
DS005671-70
*Beckman Instruments #694-3-R10K resistor array
Low-Cost, µP Interfaced, Temperature-to-Digital
Converter
DS005671-71
µP Interfaced Temperature-to-Digital Converter
DS005671-72
*Circuit values shown are for 0˚C
≤TA≤+128˚C
***Can calibrate each sensor to allow easy replacement, then A/D can be calibrated with a pre-set input voltage.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41