| Moteur de recherche de fiches techniques de composants électroniques |
|
NLP250MEDICAL Fiches technique(PDF) 2 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
NLP250MEDICAL Fiches technique(HTML) 2 Page - Emerson Network Power |
|
2 / 4 page ![]() Rev.10.1.09_181 NLP250 Medical Series 2 of 4 Embedded Power for Business-Critical Continuity 313 process yellow 3405 1797 1375 116 2607 652 242 2985 375 240 EnvironmentalSpecifications Thermalperformance: Operatingambient, 0°Cto+70°C (Seederatingcurve) Non-operating -40°Cto+85°C 0°Cto50°Cambient, 250W 200LFMforcedair 250LFMwithcover 0°Cto50°Cambient, 175W 0°Cto40°Cwithcover Convectioncooled 50°Cto70°Cambient, Deratelinearly Convectioncooled to50%load Relativehumidity: Non-condensing 5-95%RH Altitude: Operating 10,000feetmax. Non-operating 30,000feetmax. Vibration(SeeNote7,page3): 5-500Hz 2.5Grmspeak Shock: PerMIL-STD-810E 516.4PartIV EMCCharacteristics(5) Conductedemissions: EN55022,FCCpart15 LevelB Harmoniccurrentcorrection: EN61000-3-2 Compliant Voltageflicker: EN61000-3-3 Compliant ESDair: EN61000-4-2 Level3 ESDcontact: EN61000-4-2 Level3 Radiatedimmunity: EN61000-4-3 Level3 Fasttransients: EN61000-4-4 Level3 Surge: EN61000-4-5 Level3 Conductedimmunity: EN61000-4-6 Level3 Voltagedips: EN61000-4-11 Compliant GeneralSpecifications Hold-uptime: 85Vac@50Hz 20ms@250W Efficiency: 115Vac@250W 230Vac@250W 84%typ. 86%typ. Isolationvoltage: Input/output Input/chassis 4000Vac 2000Vac Safetyapprovals(seeNote6,page3): UL/cULUL60601-1,VDEEN60601-1,CAN/CSA22.2No.601-1 Weight: 650g(22oz) MTBF(@25ºC): TelcordiaSR-332 MIL-HDBK-217F 317,000hoursmin. 158,000hoursmin. |