| Moteur de recherche de fiches techniques de composants électroniques |
|
251908B Fiches technique(PDF) 1 Page - Integrated Technology Future |
|
|
|||||||||||||||||||||||||||||
251908B Fiches technique(HTML) 1 Page - Integrated Technology Future |
|
1 / 5 page ![]() SAW Bandpass Filter 251908B Part No. 251908B 1. Features IF bandpass filter High attenuation Single-ended operation DIP Package Maximum Storage Temperature Range : -40 ~ 85 ℃℃ Electrostatics Sensitive Device (ESD) 2. Package Dimension 7.6±0.2 6.0max 5.5max 12.7±0.5 Package : D2012 Pin Configuration 1 Input 5 Output 2, 4 Ground 3, 6 Case ground Dimensions shown are nominal in millimeters Base : Fe(SPCC), Au plating over Ni plated Cap : Cu & Cr Alloy, Ni Plated Termination : Kovar, Au Plated Rev. Date 2005-03-07 I T F Co., Ltd. 102-901, Bucheon Technopark 364, Samjeong-Dong, Ojeong-Gu, Bucheon-City, Gyounggi-Do, Korea 421-809 Rev. NM5008-CS01 1/5 |
Numéro de pièce similaire - 251908B |
|
Description similaire - 251908B |