Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBRB20100CD Fiches technique(PDF) 5 Page - Motorola, Inc

No de pièce MBRB20100CD
Description  SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRB20100CD Fiches technique(HTML) 5 Page - Motorola, Inc

  MBRB20100CD Datasheet HTML 1Page - Motorola, Inc MBRB20100CD Datasheet HTML 2Page - Motorola, Inc MBRB20100CD Datasheet HTML 3Page - Motorola, Inc MBRB20100CD Datasheet HTML 4Page - Motorola, Inc MBRB20100CD Datasheet HTML 5Page - Motorola, Inc MBRB20100CD Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MBRB20100CT
5
Rectifier Device Data
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.340
0.380
8.64
9.65
B
0.380
0.405
9.65
10.29
C
0.160
0.190
4.06
4.83
D
0.020
0.035
0.51
0.89
E
0.045
0.055
1.14
1.40
G
0.100 BSC
2.54 BSC
H
0.080
0.110
2.03
2.79
J
0.018
0.025
0.46
0.64
K
0.090
0.110
2.29
2.79
S
0.575
0.625
14.60
15.88
V
0.045
0.055
1.14
1.40
STYLE 3:
PIN 1. ANODE
2. CATHODE
3. ANODE
4. CATHODE
CASE 418B–02
ISSUE B
SEATING
PLANE
B
S
G
D
–T–
M
0.13 (0.005)
T
23
1
4
3 PL
K
J
H
V
E
C
A



Html Pages

1 2 3 4 5 6