Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP284ARPLB Fiches technique(PDF) 13 Page - Maxwell Technologies

No de pièce OP284ARPLB
Description  Dual Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXWELL [Maxwell Technologies]
Site Internet  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

OP284ARPLB Fiches technique(HTML) 13 Page - Maxwell Technologies

Back Button OP284ARPLB Datasheet HTML 8Page - Maxwell Technologies OP284ARPLB Datasheet HTML 9Page - Maxwell Technologies OP284ARPLB Datasheet HTML 10Page - Maxwell Technologies OP284ARPLB Datasheet HTML 11Page - Maxwell Technologies OP284ARPLB Datasheet HTML 12Page - Maxwell Technologies OP284ARPLB Datasheet HTML 13Page - Maxwell Technologies OP284ARPLB Datasheet HTML 14Page - Maxwell Technologies OP284ARPLB Datasheet HTML 15Page - Maxwell Technologies OP284ARPLB Datasheet HTML 16Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
All data sheets are subject to change without notice
©2009 Maxwell Technologies
All rights reserved.
Dual Operational Amplifier
OP284A
07.16.09 Rev 2
Note: All dimensions in inches
8-PIN RAD-PAK® FLAT PACKAGE
SYMBOL
DIMENSION
MIN
NOM
MAX
A
0.119
0.132
0.149
b
0.010
0.017
0.022
c
0.004
0.005
0.009
D
0.250
0.255
0.260
E
0.250
0.255
0.260
E1
--
--
0.290
E2
0.125
0.145
--
E3
0.030
0.040
--
e
0.050 BSC
L
0.338
0.348
0.358
Q
0.021
0.025
0.045
S1
0.005
0.019
--
N8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16